PART |
Description |
Maker |
ISR2800DESRH ISR2800DHURH ISR2800DHDRH ISR2805DHDR |
2-OUTPUT 2.5 W DC-DC REG PWR SUPPLY MODULE Adj, Radiation hardened high-power, high efficiency DC-DC power converter 5V, Radiation hardened high-power, high efficiency DC-DC power converter
|
MS KENNEDY CORP M.S. Kennedy Corp.
|
LD7126 LD7126SERIES |
DBS-Band, 2.0KW/2.4KW Klystrons for Communications 17 GHz BAND, 2.0 kW/2.4 kW, HIGH EFFICIENCY, HIGH POWER GAIN 17 GHz BAND / 2.0 kW/2.4 kW / HIGH EFFICIENCY / HIGH POWER GAIN
|
NEC[NEC] NEC Corp.
|
ADP1148-3.3 ADP1148-5 ADP1148AN-3.3 ADP1148AR-3.3 |
InputV: 0.3-20V; 50mA; high efficiency synchronous step-down switching regulator. For notebook and palmtop computers, portable instrumnets, battery operated digital devices 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C High Efficiency Synchronous Step-Down Switching Regulators(高效率同步步降开关稳压器)
|
Analog Devices, Inc.
|
MAX649 MAX649CPA MAX649CSA MAX649EPA MAX649ESA MAX |
5V/3.3V/3V or Adjustable, High-Efficiency, 5V/3.3V/3V或可调,高效率, 5V/3.3V/3V or Adjustable / High-Efficiency / 5V/3.3V/3V or Adjustable High-Efficiency 5V/3.3V/3V or Adjustable, High-Efficiency, Low-I
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
21PCF130TW4-002 |
DUAL COLOR LED, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN
|
LEDTRONICS INC
|
TDA1562Q TDA1562 |
70 W High Efficiency Power Amplifier With Diagnostic Facility(甯?????澶??70W楂??????惧ぇ?? 70W High Efficiency Power Amplifier with Diagnostic Facility
|
NXP Semiconductors N.V. Philips Semiconductors
|
BFR92AW |
ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% NPN 5 GHz wideband transistor
|
PHILIPS[Philips Semiconductors]
|
HER108 HER106 HER107 |
Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V) HIGH EFFICIENCY RECTIFIER Reverse Voltage - 50 to 1000 Volts, Forward Current - 1.0Amperes
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor] Chenyi Electronics
|
RT9278 RT9278GQV RT9278PQV |
High Efficiency Boost LDO Converter & High Power White LED Driver
|
Richtek Technology Corporation
|
DR127-2R2-R DR125-330-R DR125-560-R DR74-100-R DR7 |
High Power Density, High Efficiency, Shielded Inductors
|
Cooper Bussmann, Inc.
|